| Moteur de recherche de fiches techniques de composants électroniques |
|
SRP6540-R56M Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP6540-R56M Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() SRP6540 Series - Shielded Power Inductors Packaging Specifications EMBOSSED CARRIER EMBOSSED CAVITY 16.0 (.630) CARRIER TAPE WIDTH DIMENSIONS: MM (INCHES) 03/13 18.0 + 0 (.709 +0) 22.4 (.882) 2.0 ± 0.5 (.079 ± .020) 50.0 - 0 (1.969 - 0) 330.0 (13.00) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) 13.0 ± 0.5 (.512 ± .020) DIA. 12.0 (.472) END START 4.0 (.157) USER DIRECTION OF FEED NO COMPONENT COMPONENTS 200 (7.874) NO COMPONENT 400 (15.748) 1200 PIECES PER REEL Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. |