Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRP4020-R56M Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce SRP4020-R56M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4020-R56M Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  SRP4020-R56M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4020-R56M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4020-R56M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4020-R56M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP4020 Series - Shielded Power Inductors
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
L vs. I Charts
0.30
0.35
0.40
0.45
0.50
0.55
0.60
012345678910
0
10
20
30
40
50
60
70
80
0.30
0.40
0.50
0.60
0.70
0.80
00.5
11.5
2
2.5
33.5
44.5
55.5
66.5
7
7.5
8
0
10
20
30
40
50
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
0
5
10
15
20
25
30
35
40
45
0.50
0.60
0.70
0.80
0.90
1.00
1.10
0
1
2
3
45
67
8
0
10
20
30
40
50
60
70
80
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
01
23
4
5
6
7
8
0
10
20
30
40
50
60
0.25
0.30
0.35
0.40
0.45
0.50
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
01
23
45
67
89
10
11
12
13
14
15
0
10
20
30
40
50
60
70
80
90
100
DC Bias (A)
DC Bias (A)
SRP4020-R22M
DC Bias (A)
SRP4020-R47M
DC Bias (A)
SRP4020-R56M
SRP4020-R36M
DC Bias (A)
SRP4020-R68M
DC Bias (A)
SRP4020-R88M
DC Bias (A)
SRP4020-1R0M
DC Bias (A)
SRP4020-1R2M
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
012345
6789
10
0
10
20
30
40
50



Html Pages

1 2 3 4