| Moteur de recherche de fiches techniques de composants électroniques |
|
SRP1235-R60M Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1235-R60M Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() SRP1235 Series - Shielded Power Inductors Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. L vs. I Charts 0 04 8 12 16 20 24 28 32 36 40 44 48 52 56 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R10M 0 0 5 10 15 20 25 30 35 40 45 50 0.06 0.13 0.16 0.24 0.30 0.36 0.43 0.46 0.54 0.60 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R33M 0 04 812 16 20 24 28 32 36 40 4 0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R68M 0 04 8 12 16 20 24 28 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-1R5M 0 04 8 12 16 20 24 28 32 36 40 0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R82M 0 04 8 12 16 20 24 28 32 36 40 44 0.08 0.16 0.24 0.32 0.40 0.48 0.56 0.64 0.72 0.80 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R47M 0 04 8 12 16 20 24 28 32 36 40 44 48 52 0.03 0.06 0.09 0.12 0.15 0.18 0.21 0.24 0.27 0.30 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R15M 0 04 8 12 16 20 24 28 32 36 40 44 48 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R22M 0 04 8 12 16 20 24 28 32 36 40 44 0.12 0.24 0.36 0.48 0.60 0.72 0.84 0.96 1.08 1.20 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-R60M 0 04 8 12 16 20 24 28 32 36 40 0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-1R0M 0 02 468 10 12 14 16 18 20 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 5.4 6.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-3R3M 0 04 8 12 16 20 24 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-1R8M 0 04 8 12 16 20 24 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-2R2M 0 0 5.8 11.6 17.4 23.2 29 2.0 1.6 1.2 0.8 0.4 0 20 40 60 80 100 DC Current (A) SRP1235-1R2M 0 0 8 16 24 32 40 0.24 0.48 0.72 0.96 1.2 0 DC Current (A) SRP1235-R67M 20 40 60 80 100 |