Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM7321 Fiches technique(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM7321
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM7321 Fiches technique(HTML) 30 Page - Texas Instruments

Back Button LM7321 Datasheet HTML 26Page - Texas Instruments LM7321 Datasheet HTML 27Page - Texas Instruments LM7321 Datasheet HTML 28Page - Texas Instruments LM7321 Datasheet HTML 29Page - Texas Instruments LM7321 Datasheet HTML 30Page - Texas Instruments LM7321 Datasheet HTML 31Page - Texas Instruments LM7321 Datasheet HTML 32Page - Texas Instruments LM7321 Datasheet HTML 33Page - Texas Instruments LM7321 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM7321MAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM7321MF/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM7321MFE/NOPB
SOT-23
DBV
5
250
210.0
185.0
35.0
LM7321MFX/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LM7321QMF/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM7321QMFE/NOPB
SOT-23
DBV
5
250
210.0
185.0
35.0
LM7321QMFX/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LM7322MAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM7322MM/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LM7322MME/NOPB
VSSOP
DGK
8
250
210.0
185.0
35.0
LM7322MMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LM7322QMAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35