| Moteur de recherche de fiches techniques de composants électroniques |
|
AV2132 Fiches technique(PDF) 3 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AV2132 Fiches technique(HTML) 3 Page - Aplus Intergrated Circuits |
|
3 / 11 page ![]() AVXX32E-B SERIES Pin Description Pin Name I/O Pad Assign Description VDD Power Positive power supply TEST In Test enable pad, high-active, pull-low OSC In With resister connected to VDD for system clock generating or connected to VSS using internal resister In OKY Trigger input, active-high OKY_RW3 Out ROW3 Row output for matrix function. TG0,TG1 In Column input or stand-alone input; active-high In TG2 Column input or stand-alone input; active-high TG2_OPD Out OP_D Status output In TG3 Column input or stand-alone input; active-high TG3_OPC Out OP_C Status output Out ROW1 Row output for matrix function RW1_OPB Out OP_B Status output Out ROW2 Row output for matrix function RW2_OPA Out OP_A Status output Out PWM1 Voltage output to drive speaker or buzzer PWM1 Out OP_A OP_C Status output Out PWM2 Voltage output to drive speaker or buzzer PWM2 Out OP_B OP_D Status output Out DAC Current output for speaker application DAC Out OP_A OP_B OP_C OP_D Status output VSS Power Negative power supply Absolute Maximum Rating Symbol Rating Unit VDD~VSS -0.5 ~ +0.5 V VIN (for input) VSS-0.3 < VIN < VDD+0.3 V VOUT (for all outputs) VSS < VOUT < VDD V T (operating) -10 ~ +60 T (storage) -55 ~ +125 10-2 Ver. 1.0 |