Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AV0632E Fiches technique(PDF) 13 Page - Aplus Intergrated Circuits

No de pièce AV0632E
Description  single-chip synthesizing CMOS VLSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APLUS [Aplus Intergrated Circuits]
Site Internet  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV0632E Fiches technique(HTML) 13 Page - Aplus Intergrated Circuits

Back Button AV0632E Datasheet HTML 5Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 6Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 7Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 8Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 9Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 10Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 11Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 12Page - Aplus Intergrated Circuits AV0632E Datasheet HTML 13Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
APLUS 巨華積体電路股份有限公司 AVxxx-TGx8 Series
www.aplusinc.com.tw
Page
/ 13
2002 Ver.2
13
AV3032
AV4232
PIN NO.
NAME
X
Y
X
Y
1
VDD1
190.71
1493.2
190.71
1856.4
2
OSC
50.38
1493.2
50.38
1856.4
3
COL4
-135.14
1493.2
-135.14
1856.4
4
COL3
-265.79
1493.2
-265.79
1856.4
5
COL2
-396.44
1493.2
-396.44
1856.4
6
COL1
-527.09
1493.2
-527.09
1856.4
7
ROW4
-498.81
-1155.1
-498.81
-1518.34
8
ROW3
-498.81
-1276.0
-498.81
-1665.24
9
ROW2
-498.81
-1493.2
-498.81
-1856.4
10
ROW1
-368.16
-1493.2
-368.16
-1856.4
11
OUT1
-237.51
-1493.2
-237.51
-1856.4
12
VDD
-69.19
-1493.2
-69.19
-1856.4
13
OUT2
107.45
-1424.3
107.45
-1787.5
14
GND
261.11
-1424.3
261.11
-1787.5
15
GND1
341.71
-1424.3
341.71
-1787.5
16
OUT3
495.37
-1424.3
495.37
-1787.5
17
TEST
524.1
1493.2
524.1
1856.4
18
MODE/STS4
393.45
1493.2
393.45
1856.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13