Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCAP0310 Fiches technique(PDF) 2 Page - Maxwell Technologies

No de pièce BCAP0310
Description  BC SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0310 Fiches technique(HTML) 2 Page - Maxwell Technologies

  BCAP0310 Datasheet HTML 1Page - Maxwell Technologies BCAP0310 Datasheet HTML 2Page - Maxwell Technologies BCAP0310 Datasheet HTML 3Page - Maxwell Technologies BCAP0310 Datasheet HTML 4Page - Maxwell Technologies BCAP0310 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Document number: 1017105.4
maxwell.com
DATASHEET
BC SERIES ULTRACAPACITORS
PRODUCT SPECIFICATIONS (Cont’d)
SAFETY
BCAP0310
BCAP0350
Short Circuit Current, typical
(Current possible with short circuit from rated
voltage. Do not use as an operating current.)
1,200 A
840 A
Certifications
UL810a, RoHS
UL810a, RoHS
LIFE
DC Life at High Temperature1
(at Rated Voltage & Maximum Operating
Temperature)
1,500 hours
1,500 hours
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Projected DC Life at 25oC 1
(held continuously at Rated Voltage)
10 years
10 years
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Projected Cycle Life at 25oC 1,9,10
500,000 cycles
500,000 cycles
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Test Current
31 A
35 A
Shelf Life
(Stored uncharged at 25oC)
4 years
4 years
TYPICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
Thermal Resistance (R
ca, Case to
Ambient), typical8
10.9oC/W
10.9oC/W
Thermal Capacitance (C
th), typical
8
60 J/oC
60 J/oC
Maximum Continuous Current
(ΔT = 15oC)8
25 A
RMS
21 A
RMS
Maximum Continuous Current
(ΔT = 40oC)8
41 A
RMS
34 A
RMS



Html Pages

1 2 3 4 5