Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AV1832D Fiches technique(PDF) 13 Page - Aplus Intergrated Circuits

No de pièce AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APLUS [Aplus Intergrated Circuits]
Site Internet  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Fiches technique(HTML) 13 Page - Aplus Intergrated Circuits

Back Button AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 10Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 11Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 12Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 13Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
13
9. BONDING DIAGRAM:
Chip size:
A
V1232E: X=1120 um, Y=2480 um
A
V1832D: X=1120 um, Y=2480 um
A
V2432C: X=1120 um, Y=2480 um
Pad size: 80 um x 80 um
※
The IC substrate must be connected to GND.
10. PAD LOCATION:
AVxx32A Series
Pad NO.
Pad Name
X
Y
1
Vdd1
293.4
2018.5
2
OSC
77.7
2012.8
3
COL4
-207.7
2012.8
4
COL3
-408.7
2012.8
5
COL2
-609.7
2012.8
6
COL1
-810.7
2012.8
7
ROW4
-770.2
-1500.4
8
ROW3
-770.2
-1708.4
9
ROW2
-797.8
-2012.8
10
ROW1
-589.8
-2012.8
11
OUT1
-381.4
-2012.8
12
Vdd
-106.5
-2018.5
13
OUT2
165.3
-1906.8
14
GND
391.2
-1906.8
15
GND1
536.2
-1906.8
16
OUT3
762.1
-1906.8
17
Test
806.5
2012.8
18
MODE/STS4
605.1
2012.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13