Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317S/NOPB Fiches technique(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317S/NOPB
Description  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Fiches technique(HTML) 28 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 24Page - Texas Instruments LM317S/NOPB Datasheet HTML 25Page - Texas Instruments LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments LM317S/NOPB Datasheet HTML 31Page - Texas Instruments LM317S/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Jan-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM117H
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
AU
Level-1-NA-UNLIM
-55 to 125
LM117HP+
LM117H/NOPB
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
AU
Level-1-NA-UNLIM
-55 to 125
LM117HP+
LM117K STEEL
ACTIVE
TO-3
NDS
2
50
TBD
Call TI
Call TI
-55 to 125
LM117K
STEELP+
LM117K STEEL/NOPB
ACTIVE
TO-3
NDS
2
50
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM117K
STEELP+
LM317AEMP
NRND
SOT-223
DCY
4
1000
TBD
Call TI
Call TI
-40 to 125
N07A
LM317AEMP/NOPB
ACTIVE
SOT-223
DCY
4
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
N07A
LM317AEMPX
NRND
SOT-223
DCY
4
2000
TBD
Call TI
Call TI
N07A
LM317AEMPX/NOPB
ACTIVE
SOT-223
DCY
4
2000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
N07A
LM317AH
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
AU
Level-1-NA-UNLIM
-40 to 125
LM317AHP+
LM317AH/NOPB
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
AU
Level-1-NA-UNLIM
-40 to 125
LM317AHP+
LM317AMDT
NRND
TO-252
NDP
3
75
TBD
Call TI
Call TI
-40 to 125
LM317
AMDT
LM317AMDT/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LM317
AMDT
LM317AMDTX
NRND
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LM317
AMDT
LM317AMDTX/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LM317
AMDT
LM317AT
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
-40 to 125
LM317AT P+
LM317AT/NOPB
ACTIVE
TO-220
NDE
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM317AT P+
LM317EMP
NRND
SOT-223
DCY
4
1000
TBD
Call TI
Call TI
0 to 125
N01A
LM317EMP/NOPB
ACTIVE
SOT-223
DCY
4
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 125
N01A
LM317EMPX/NOPB
ACTIVE
SOT-223
DCY
4
2000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 125
N01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40