| Moteur de recherche de fiches techniques de composants électroniques |
|
LM35DZ Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM35DZ Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 29 page ![]() +V S V OUT GND LM 35DT +V S V OUT GND +V S V OUT GND N.C. N.C. N.C. N.C. N.C. 1 2 3 4 8 7 6 5 +V S V OUT GND J LM35 SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. CONNECTION DIAGRAMS METAL CAN PACKAGE SMALL-OUTLINE MOLDED PACKAGE TO (NDV) SOIC-8 (D) TOP VIEW Case is connected to negative pin (GND) N.C. = No connection PLASTIC PACKAGE PLASTIC PACKAGE TO-92 (LP) TO-220 (NEB) BOTTOM VIEW Tab is connected to the negative pin (GND). NOTE: The LM35DT pinout is different than the discontinued LM35DP 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM35 |