| Moteur de recherche de fiches techniques de composants électroniques |
|
LM35DMX Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM35DMX Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 29 page ![]() LM35 + OUT VOUT = 10 mV/°C (TAMBIENT = 10 °C) FROM J 5 °C TO + 40 °C 5 V 200 1% 200 1% TWISTED PAIR 0.01 2F BYPASS OPTIONAL 2 k 1% 2 k 1% +V S LM35 18 k 10% V OUT + L 1N914 LM35 www.ti.com SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013 Figure 18. Temperature Sensor, Single Supply ( −55° to +150°C) Figure 19. Two-Wire Remote Temperature Sensor (Output Referred to Ground) Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM35 |