| Moteur de recherche de fiches techniques de composants électroniques |
|
PIMD3 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMD3 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 11 page ![]() PEMD3_PIMD3_PUMD3_10 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 10 — 15 November 2009 7 of 11 NXP Semiconductors PEMD3; PIMD3; PUMD3 NPN/PNP resistor-equipped transistors; R1 = 10 k Ω, R2 = 10 kΩ 8. Package outline Fig 9. Package outline SOT363 (SC-88) Fig 10. Package outline SOT457 (SC-74) Fig 11. Package outline SOT666 06-03-16 Dimensions in mm 0.25 0.10 0.3 0.2 pin 1 index 1.3 0.65 2.2 2.0 1.35 1.15 2.2 1.8 1.1 0.8 0.45 0.15 13 2 4 65 04-11-08 Dimensions in mm 3.0 2.5 1.7 1.3 3.1 2.7 pin 1 index 1.9 0.26 0.10 0.40 0.25 0.95 1.1 0.9 0.6 0.2 13 2 4 5 6 Dimensions in mm 04-11-08 1.7 1.5 1.7 1.5 1.3 1.1 1 0.18 0.08 0.27 0.17 0.5 pin 1 index 12 3 4 5 6 0.6 0.5 0.3 0.1 |