| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2904 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2904 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 24 page ![]() LM2904, LM2904A Absolute maximum ratings and operating conditions Doc ID 2471 Rev 14 5/24 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 3 to 30 V Vicm Common mode input voltage range 0 to VCC+ - 1.5 V Toper Operating free-air temperature range -40 to +125 °C |