Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM258 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM258
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM258 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM258 Datasheet HTML 17Page - Texas Instruments LM258 Datasheet HTML 18Page - Texas Instruments LM258 Datasheet HTML 19Page - Texas Instruments LM258 Datasheet HTML 20Page - Texas Instruments LM258 Datasheet HTML 21Page - Texas Instruments LM258 Datasheet HTML 22Page - Texas Instruments LM258 Datasheet HTML 23Page - Texas Instruments LM258 Datasheet HTML 24Page - Texas Instruments LM258 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2904DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2904DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2904PSR
SO
PS
8
2000
367.0
367.0
38.0
LM2904PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2904PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2904QDR
SOIC
D
8
2500
367.0
367.0
35.0
LM2904VQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM358ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM358ADGKR
VSSOP
DGK
8
2500
332.0
358.0
35.0
LM358ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM358ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM358ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM358ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM358APWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM358APWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM358DGKR
VSSOP
DGK
8
2500
332.0
358.0
35.0
LM358DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM358DR
SOIC
D
8
2500
340.5
338.1
20.6
LM358DR
SOIC
D
8
2500
367.0
367.0
35.0
LM358DR
SOIC
D
8
2500
367.0
367.0
35.0
LM358DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM358DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM358DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM358PSR
SO
PS
8
2000
367.0
367.0
38.0
LM358PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM358PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Jan-2014
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32