| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2675 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2675 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 30 page ![]() LM2675 www.ti.com SNVS129E – MAY 2004 – REVISED JUNE 2005 Inductor Value Selection Guides (For Continuous Mode Operation) Figure 24. LM2675-3.3 Figure 25. LM2675-5.0 Figure 26. LM2675-12 Figure 27. LM2675-ADJ Table 1. Inductor Manufacturers' Part Numbers Schott Renco Pulse Engineering Coilcraft Ind. Inductance Current Ref. Through Surface Through Surface Through Surface Surface ( μH) (A) Desg. Hole Mount Hole Mount Hole Mount Mount L4 68 0.32 67143940 67144310 RL-1284-68-43 RL1500-68 PE-53804 PE-53804-S DO1608-683 L5 47 0.37 67148310 67148420 RL-1284-47-43 RL1500-47 PE-53805 PE-53805-S DO1608-473 L6 33 0.44 67148320 67148430 RL-1284-33-43 RL1500-33 PE-53806 PE-53806-S DO1608-333 L7 22 0.52 67148330 67148440 RL-1284-22-43 RL1500-22 PE-53807 PE-53807-S DO1608-223 L9 220 0.32 67143960 67144330 RL-5470-3 RL1500-220 PE-53809 PE-53809-S DO3308-224 L10 150 0.39 67143970 67144340 RL-5470-4 RL1500-150 PE-53810 PE-53810-S DO3308-154 L11 100 0.48 67143980 67144350 RL-5470-5 RL1500-100 PE-53811 PE-53811-S DO3308-104 L12 68 0.58 67143990 67144360 RL-5470-6 RL1500-68 PE-53812 PE-53812-S DO3308-683 L13 47 0.70 67144000 67144380 RL-5470-7 RL1500-47 PE-53813 PE-53813-S DO3308-473 L14 33 0.83 67148340 67148450 RL-1284-33-43 RL1500-33 PE-53814 PE-53814-S DO3308-333 L15 22 0.99 67148350 67148460 RL-1284-22-43 RL1500-22 PE-53815 PE-53815-S DO3308-223 L18 220 0.55 67144040 67144420 RL-5471-2 RL1500-220 PE-53818 PE-53818-S DO3316-224 L19 150 0.66 67144050 67144430 RL-5471-3 RL1500-150 PE-53819 PE-53819-S DO3316-154 L20 100 0.82 67144060 67144440 RL-5471-4 RL1500-100 PE-53820 PE-53820-S DO3316-104 L21 68 0.99 67144070 67144450 RL-5471-5 RL1500-68 PE-53821 PE-53821-S DO3316-683 L22 47 1.17 67144080 67144460 RL-5471-6 — PE-53822 PE-53822-S DO3316-473 Copyright © 2004–2005, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LM2675 |