Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLM311P Fiches technique(PDF) 24 Page - Texas Instruments

No de pièce MLM311P
Description  LM111-N/LM211-N/LM311-N Voltage Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MLM311P Fiches technique(HTML) 24 Page - Texas Instruments

Back Button MLM311P Datasheet HTML 20Page - Texas Instruments MLM311P Datasheet HTML 21Page - Texas Instruments MLM311P Datasheet HTML 22Page - Texas Instruments MLM311P Datasheet HTML 23Page - Texas Instruments MLM311P Datasheet HTML 24Page - Texas Instruments MLM311P Datasheet HTML 25Page - Texas Instruments MLM311P Datasheet HTML 26Page - Texas Instruments MLM311P Datasheet HTML 27Page - Texas Instruments MLM311P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM311MX
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM311MX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30