| Moteur de recherche de fiches techniques de composants électroniques |
|
PESD2CAN Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PESD2CAN Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 13 page ![]() PESD2CAN All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 27 September 2012 8 of 13 NXP Semiconductors PESD2CAN CAN bus ESD protection diode 9. Package outline 10. Packing information [1] For further information and the availability of packing methods, see Section 14. Fig 11. Package outline SOT23 (TO-236AB) 04-11-04 Dimensions in mm 0.45 0.15 1.9 1.1 0.9 3.0 2.8 2.5 2.1 1.4 1.2 0.48 0.38 0.15 0.09 12 3 Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number Package Description Packing quantity 3000 10000 PESD2CAN SOT23 4 mm pitch, 8 mm tape and reel -215 -235 |