Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2ASA Fiches technique(PDF) 17 Page - List of Unclassifed Manufacturers

No de pièce 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Fiches technique(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 13Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 14Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 15Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 16Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 17Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 18Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 19Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 20Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
17
Cutters and Pliers
CUTTERS AND PLIERS
Erem cutters and pliers are unique in the degree of qua-
lity, precision, reliability, ergonomy and long life they
offer when compared to other professional tools, for the
following reasons:
Erem cutters and pliers are not forged. They are manufactured from billets of
high grade tool steel, which uses a Swiss developed lamination technique.
It employs a multiple extrusion process to super compact the steel imparting addi-
tional strength and toughness to the tools. This results in reliable and
long lasting tools.
The surfaces between the two halves of the joint are machine finished and in
conjunction with the interlocking precision screw that is used to join both halves
together ensure wobble free operation and eliminates blade overlap which
could cause mechanical shock and damage components.
The return springs are mounted internally in the head of the tools and are gua-
ranteed for 1 million operations. They operate with a constant resistance over
the movement of handles to reduce operator fatigue making them superior to
leaf or coil springs.
The Steel
The Joints
The Springs
Erem Maximum Opening Stop, limits the handle spread by preventing the tips of the
blades from opening more than 5mm. To promote operator comfort and ergonomy.
EMOS
Erem Cutters and Pliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60