| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40W Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS40W Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 21 page ![]() BAS40_1PSXXSB4X_SER_8 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 08 — 13 January 2010 13 of 21 NXP Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes Dimensions in mm Fig 18. Reflow soldering footprint SOT23 (TO-236AB) Dimensions in mm Fig 19. Wave soldering footprint SOT23 (TO-236AB) MSA439 1.00 0.60 (3x) 1.30 1 2 3 2.50 3.00 0.85 2.70 2.90 0.50 (3x) 0.60 (3x) 3.30 0.85 solder lands solder resist occupied area solder paste MSA427 4.00 4.60 2.80 4.50 1.20 3.40 3 21 1.20 (2x) preferred transport direction during soldering solder lands solder resist occupied area |