Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5644AF0MMG2 Fiches technique(PDF) 42 Page - Freescale Semiconductor, Inc

No de pièce SPC5644AF0MMG2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MMG2 Fiches technique(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MMG2 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5644AF0MMG2 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
SCI_A_TX
EMIOS138
GPIO[89]
eSCI A TX
eMIOS channel
GPIO
P
A1
G
01
10
00
89
O
O
I/O
VDDEH6
Medium
— / Up
— / Up
100
J14
N20
SCI_A_RX
EMIOS158
GPIO[90]
eSCI A RX
eMIOS channel
GPIO
P
A1
G
01
10
00
90
I
O
I/O
VDDEH6
Medium
— / Up
— / Up
99
K14
P20
SCI_B_TX
DSPI_D_PCS[1]
GPIO[91]
eSCI B TX
DSPI D peripheral chip select
GPIO
P
A1
G
01
10
00
91
O
O
I/O
VDDEH6
Medium
— / Up
— / Up
87
L13
AB21
SCI_B_RX
DSPI_D_PCS[5]
GPIO[92]
eSCI B RX
DSPI D peripheral chip select
GPIO
P
A1
G
01
10
00
92
I
O
I/O
VDDEH6
Medium
— / Up
— / Up
84
M13
AB20
SCI_C_TX
GPIO[244]
eSCI C TX
GPIO
P
G
01
00
244
O
I/O
VDDEH6
Medium
— / Up
— / Up
—
—
W19
SCI_C_RX
GPIO[245]
eSCI C RX
GPIO
P
G
01
00
245
I
I/O
VDDEH6
Medium
— / Up
— / Up
—
—
V19
DSPI
DSPI_A_SCK17
DSPI_C_PCS[1]
GPIO[93]
—
DSPI C peripheral chip select
GPIO
—
A1
G
—
10
00
93
—
O
I/O
VDDEH7
Medium
— / Up
— / Up
—
—
C17
DSPI_A_SIN17
DSPI_C_PCS[2]
GPIO[94]
—
DSPI C peripheral chip select
GPIO
—
A1
G
—
10
00
94
—
O
I/O
VDDEH7
Medium
— / Up
— / Up
—
—
B17
DSPI_A_SOUT17
DSPI_C_PCS[5]
GPIO[95]
—
DSPI C peripheral chip select
GPIO
—
A1
G
—
10
00
95
—
O
I/O
VDDEH7
Medium
— / Up
— / Up
—
—
A17
DSPI_A_PCS[0]17
DSPI_D_PCS[2]
GPIO[96]
—
DSPI D peripheral chip select
GPIO
—
A1
G
—
10
00
96
—
O
I/O
VDDEH7
Medium
— / Up
— / Up
—
—
D16
DSPI_A_PCS[1]17
DSPI_B_PCS[2]
GPIO[97]
—
DSPI B peripheral chip select
GPIO
—
A1
G
—
10
00
97
—
O
I/O
VDDEH7
Medium
— / Up
— / Up
—
—
C16
CS[2]
DSPI_D_SCK
GPIO[98]
—
SPI clock pin for DSPI module
GPIO
—
A1
G
—
10
00
98
—
I/O
I/O
VDDEH7
Medium
— / Up
— / Up
141
J15
C15
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More