Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5644AF0MLU3 Fiches technique(PDF) 40 Page - Freescale Semiconductor, Inc

No de pièce SPC5644AF0MLU3
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU3 Fiches technique(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU3 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5644AF0MLU3 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
MDO216
Nexus message data out
P
01
222
O
VRC33
Fast
—
MDO[2] / —
19
A13
G3
MDO316
Nexus message data out
P
01
223
O
VRC33
Fast
—
MDO[3] / —
20
B13
G4
MDO416
ETPUA2_O8
GPIO[75]
Nexus message data out
eTPU A channel (output only)
GPIO[
P
A1
G
01
10
00
75
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
126
P10
B19
MDO516
ETPUA4_O8
GPIO[76]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
76
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
129
T10
B20
MDO616
ETPUA13_O8
GPIO[77]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
77
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
135
T11
C18
MDO716
ETPUA19_O8
GPIO[78]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
78
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
136
N11
B18
MDO816
ETPUA21_O8
GPIO[79]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
79
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
137
P11
A18
MDO916
ETPUA25_O8
GPIO[80]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
80
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
139
T7
D18
MDO1016
ETPUA27_O8
GPIO[81]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
81
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
134
R10
A19
MDO1116
ETPUA29_O8
GPIO[82]
Nexus message data out
eTPU A channel (output only)
GPIO[82]
P
A1
G
01
10
00
82
O
O
I/O
VDDEH7
MultiV12,14
—
— / —
124
P9
C19
MSEO[0]16
Nexus message start/end out
P
01
224
O
VDDEH7
MultiV12,14
—
MSEO[0] / —
118
C15
G21
MSEO[1]16
Nexus message start/end out
P
01
225
O
VDDEH7
MultiV12,14
—
MSEO[1] / —
117
E16
G22
RDY
Nexus ready output
P
01
226
O
VDDEH7
MultiV12,14
——
—
—
G19
JTAG
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More