Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL712CPWRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TL712CPWRG4
Description  DIFFERENTIAL COMPARATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL712CPWRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TL712CPWRG4 Datasheet HTML 4Page - Texas Instruments TL712CPWRG4 Datasheet HTML 5Page - Texas Instruments TL712CPWRG4 Datasheet HTML 6Page - Texas Instruments TL712CPWRG4 Datasheet HTML 7Page - Texas Instruments TL712CPWRG4 Datasheet HTML 8Page - Texas Instruments TL712CPWRG4 Datasheet HTML 9Page - Texas Instruments TL712CPWRG4 Datasheet HTML 10Page - Texas Instruments TL712CPWRG4 Datasheet HTML 11Page - Texas Instruments TL712CPWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL712CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL712CPSR
SO
PS
8
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
TL712CPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16