| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7631BSTZ Fiches technique(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7631BSTZ Fiches technique(HTML) 28 Page - Analog Devices |
|
28 / 32 page ![]() AD7631 Rev. A | Page 28 of 32 SDIN SDOUT D0 123 17 18 BUSY EXT/INT = 1 INVSCLK = 0 CS SDCLK 4 D2 D1 19 20 MODE[1:0] = 3 RD = 0 16 D17 D16 D15 X17 X16 21 X0 X2 X1 X17 X16 X15 Y17 Y16 t31 t31 X* t32 t16 t33 t34 t37 t35 t36 *A DISCONTINUOUS SDCLK IS RECOMMENDED. Figure 44. Slave Serial Data Timing for Reading (Read After Convert) SDOUT D0 123 BUSY EXT/INT = 1 INVSCLK = 0 CS SDCLK 17 D1 MODE[1:0] = 3 RD = 0 18 D17 D16 t31 t31 t32 t16 t37 t35 t36 CNVST X* X* X* X* X* X* t27 *A DISCONTINUOUS SDCLK IS RECOMMENDED. DATA = SDIN Figure 45. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert) |