Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F2680ISPSQTP Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce PIC18F2680ISPSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISPSQTP Fiches technique(HTML) 19 Page - Microchip Technology

Back Button PIC18F2680ISPSQTP Datasheet HTML 15Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 16Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 17Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 18Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 19Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 20Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 21Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 22Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 17
PIC18F2585/2680/4585/4680
PORTA is a bidirectional I/O port.
RA0/AN0/CVREF
RA0
AN0
CVREF
219
19
I/O
I
O
TTL
Analog
Analog
Digital I/O.
Analog input 0.
Analog comparator reference output.
RA1/AN1
RA1
AN1
320
20
I/O
I
TTL
Analog
Digital I/O.
Analog input 1.
RA2/AN2/VREF-
RA2
AN2
VREF-
421
21
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 2.
A/D reference voltage (low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
522
22
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 3.
A/D reference voltage (high) input.
RA4/T0CKI
RA4
T0CKI
623
23
I/O
I
TTL
ST
Digital I/O.
Timer0 external clock input.
RA5/AN4/SS/HLVDIN
RA5
AN4
SS
HLVDIN
724
24
I/O
I
I
I
TTL
Analog
TTL
Analog
Digital I/O.
Analog input 4.
SPI slave select input.
High/Low-Voltage Detect input.
RA6
See the OSC2/CLKO/RA6 pin.
RA7
See the OSC1/CLKI/RA7 pin.
TABLE 1-3:
PIC18F4585/4680 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More