Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F2680ISOSQTP Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Fiches technique(HTML) 22 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 18Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 19Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 20Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 21Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 22Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 23Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 24Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 25Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 20
Preliminary
© 2007 Microchip Technology Inc.
PORTD is a bidirectional I/O port or a Parallel Slave
Port (PSP) for interfacing to a microprocessor port.
These pins have TTL input buffers when PSP module
is enabled.
RD0/PSP0/C1IN+
RD0
PSP0
C1IN+
19
38
38
I/O
I/O
I
ST
TTL
Analog
Digital I/O.
Parallel Slave Port data.
Comparator 1 input (+).
RD1/PSP1/C1IN-
RD1
PSP1
C1IN-
20
39
39
I/O
I/O
I
ST
TTL
Analog
Digital I/O.
Parallel Slave Port data.
Comparator 1 input (-)
RD2/PSP2/C2IN+
RD2
PSP2
C2IN+
21
40
40
I/O
I/O
I
ST
TTL
Analog
Digital I/O.
Parallel Slave Port data.
Comparator 2 input (+).
RD3/PSP3/C2IN-
RD3
PSP3
C2IN-
22
41
41
I/O
I/O
I
ST
TTL
Analog
Digital I/O.
Parallel Slave Port data.
Comparator 2 input (-).
RD4/PSP4/ECCP1/
P1A
RD4
PSP4
ECCP1
P1A
27
2
2
I/O
I/O
I/O
O
ST
TTL
ST
TTL
Digital I/O.
Parallel Slave Port data.
Capture2 input/Compare2 output/PWM2 output.
ECCP1 PWM output A.
RD5/PSP5/P1B
RD5
PSP5
P1B
28
3
3
I/O
I/O
O
ST
TTL
TTL
Digital I/O.
Parallel Slave Port data.
ECCP1 PWM output B.
RD6/PSP6/P1C
RD6
PSP6
P1C
29
4
4
I/O
I/O
O
ST
TTL
TTL
Digital I/O.
Parallel Slave Port data.
ECCP1 PWM output C.
RD7/PSP7/P1D
RD7
PSP7
P1D
30
5
5
I/O
I/O
O
ST
TTL
TTL
Digital I/O.
Parallel Slave Port data.
ECCP1 PWM output D.
TABLE 1-3:
PIC18F4585/4680 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More