Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CPC26PTR Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STP16CPC26PTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26PTR Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STP16CPC26PTR Datasheet HTML 18Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 19Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 20Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 21Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 22Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 23Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 24Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 25Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STP16CPC26
Package mechanical data
Doc ID 18469 Rev 4
23/26
Figure 22.
Reel dimensions
Table 14.
Tape and reel SO-24
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
-
330
-
12.992
C
12.8
-
13.2
0.504
-
0.519
D
20.2
-
0.795
-
N
60
-
2.362
-
T
-
30.4
-
1.197
Ao
10.8
-
11.0
0.425
-
0.433
Bo
15.7
-
15.9
0.618
-
0.626
Ko
2.9
-
3.1
0.114
-
0.122
Po
3.9
-
4.1
0.153
-
0.161
P
11.9
-
12.1
0.468
-
0.476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26