Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CPC26MTR Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STP16CPC26MTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26MTR Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STP16CPC26MTR Datasheet HTML 11Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 12Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 13Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 14Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 15Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 16Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 17Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 18Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
STP16CPC26
Current generators characteristics
Doc ID 18469 Rev 4
15/26
9
Current generators characteristics
9.1
Current setting
The current of all outputs is programmed through an external resistor connected to R-EXT
pin, as shown in
Figure 15.
The curve in
Figure 16 describes the relation between the current and the resistor
connected to R-EXT pin, whereas the
Table 8 shows how to set some typical current values.
Figure 15.
Resistor for current programming
Figure 16.
Output current vs R-EXT resistor
Table 8.
Recommended values of Rext for some output current value
Output current [mA]
Rext [Ω]
Closer standard value (E24 series) [
Ω]
5
4129
4300
10
2005
200
20
999
1000
40
471
470
60
322
330
90
217
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26