Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6717 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM6717
Description  Dual/triple ultra-low voltage supervisors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6717 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM6717 Datasheet HTML 22Page - STMicroelectronics STM6717 Datasheet HTML 23Page - STMicroelectronics STM6717 Datasheet HTML 24Page - STMicroelectronics STM6717 Datasheet HTML 25Page - STMicroelectronics STM6717 Datasheet HTML 26Page - STMicroelectronics STM6717 Datasheet HTML 27Page - STMicroelectronics STM6717 Datasheet HTML 28Page - STMicroelectronics STM6717 Datasheet HTML 29Page - STMicroelectronics STM6717 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Part numbering
STM6717/6718/6719/6720/STM6777/6778/6779/6780
28/30
Doc ID 11469 Rev 8
Note:
For topside marking, “7” is the family number, followed by the VRST1 threshold, VRST2
threshold and device number (1,9 = STM6717, 2 = 6718, 3 = 6719, 4 = 6720, 5 = 6777,
6 = 6778, 7 = 6779, 8 = 6780).
For bottomside marking, “P” = assembly site, “Y” = 1-digit year, and “WW” = 2-digit work
week.
STM6778SF
2.925
1.050
7SF6
PYWW
STM6778TG
3.075
1.110
7TG6
PYWW
STM6778TW
3.075
1.665
7TW6
PYWW
STM6778SV
2.925
1.575
7SV6
PYWW
STM6778SY
2.925
2.188
7SY6
PYWW
STM6778TZ
3.075
2.313
7TZ6
PYWW
STM6779L
4.625
7Lx7
PYWW
STM6779T
3.075
7Tx7
PYWW
STM6779S
2.925
7Sx7
PYWW
STM6779Y
2.188
7Yx7
PYWW
STM6779V
1.575
7Vx7
PYWW
STM6780L
4.625
7Lx8
PYWW
STM6780T
3.075
7Tx8
PYWW
STM6780S
2.925
7Sx8
PYWW
STM6780Y
2.188
7Yx8
PYWW
STM6780V
1.575
7Vx8
PYWW
Table 12.
Marking description (continued)
Part number
VRST1 threshold (V)
VRST2 threshold (V)
Topside marking
Bottomside marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30