Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151VD Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 36Page - STMicroelectronics STM32L151VD Datasheet HTML 37Page - STMicroelectronics STM32L151VD Datasheet HTML 38Page - STMicroelectronics STM32L151VD Datasheet HTML 39Page - STMicroelectronics STM32L151VD Datasheet HTML 40Page - STMicroelectronics STM32L151VD Datasheet HTML 41Page - STMicroelectronics STM32L151VD Datasheet HTML 42Page - STMicroelectronics STM32L151VD Datasheet HTML 43Page - STMicroelectronics STM32L151VD Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
Pin descriptions
STM32L151xD STM32L152xD
40/140
Doc ID 022027 Rev 6
82 H12 60
-
-
PD13
I/O FT
PD13
TIM4_CH2/LCD_SEG33/FSMC_A18
83
-
-
-
-
VSS_8
SVSS_8
84
-
-
-
-
VDD_8
SVDD_8
85 H11 61
-
-
PD14
I/O FT
PD14
TIM4_CH3/LCD_SEG34/FSMC_D0
86 H10 62
-
-
PD15
I/O FT
PD15
TIM4_CH4/LCD_SEG35/FSMC_D1
87 G10
-
-
-
PG2
I/O FT
PG2
FSMC_A12/ADC_IN10b/COMP1_INP
88
F9
-
-
-
PG3
I/O FT
PG3
FSMC_A13/ADC_IN11b/COMP1_INP
89 F10
-
-
-
PG4
I/O FT
PG4
FSMC_A14/ADC_IN12b/COMP1_INP
90
E9
-
-
-
PG5
I/O FT
PG5
FSMC_A15
91
-
-
-
-
PG6
I/O FT
PG6
92
-
-
-
-
PG7
I/O FT
PG7
93
-
-
-
-
PG8
I/O FT
PG8
94
F6
-
-
-
VSS_9
SVSS_9
95
G6
-
-
-
VDD_9
SVDD_9
96 E12 63 37 E1
PC6
I/O FT
PC6
TIM3_CH1/I2S2_MCK/LCD_SEG24/SDIO_D6
97 E11 64 38 E2
PC7
I/O FT
PC7
TIM3_CH2/I2S3_MCK/LCD_SEG25/SDIO_D7
98 E10 65 39 E3
PC8
I/O FT
PC8
TIM3_CH3/LCD_SEG26/SDIO_D0
99 D12 66 40 D1
PC9
I/O FT
PC9
TIM3_CH4/LCD_SEG27/SDIO_D1
100 D11 67 41 E4
PA8
I/O FT
PA8
USART1_CK/MCO/LCD_COM0
101 D10 68 42 D2
PA9
I/O FT
PA9
USART1_TX / LCD_COM1
102 C12 69 43 D3
PA10
I/O FT
PA10
USART1_RX / LCD_COM2
103 B12 70 44 C1
PA11
I/O FT
PA11
USART1_CTS/ USB_DM/SPI1_MISO
104 A12 71 45 C2
PA12
I/O FT
PA12
USART1_RTS/USB_DP/SPI1_MOSI
105 A11 72 46 D4
PA13
I/O FT
JTMS-
SWDAT
106 C11 73
-
-
PH2
I/O FT
PH2
FSMC_A22
107 F11 74 47 B1
VSS_2
SVSS_2
108 G11 75 48 A1
VDD_2
SVDD_2
109 A10 76 49 B2
PA14
I/O FT
JTCK-
SWCLK
110 A9
77 50 C3
PA15
I/O FT
JTDI
TIM2_CH1_ETR/ SPI1_NSS/SPI3_NSS/
I2S3_WS/LCD_SEG17
111 B11 78 51 A2
PC10
I/O FT
PC10
SPI3_SCK/I2S3_CK/USART3_TX/ UART4_TX/
LCD_SEG28/LCD_SEG40/LCD_COM4/SDIO_D2
112 C10 79 52 B3
PC11
I/O FT
PC11
SPI3_MISO/USART3_RX/UART4_RX/
LCD_SEG29/LCD_SEG41/LCD_COM5/SDIO_D3
113 B10 80 53 C4
PC12
I/O FT
PC12
SPI3_MOSI/I2S3_SD/USART3_CK/ UART5_TX/
LCD_SEG30/ LCD_SEG42/LCD_COM6/SDIO_CK
Table 9.
STM32L15xxD pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More