| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F217IG Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217IG Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 175 page ![]() DocID17050 Rev 9 49/175 STM32F21xxx Pinouts and pin description 174 - 57 79 98 N15 PD10 I/O FT FSMC_D15, USART3_CK, EVENTOUT - 58 80 99 N14 PD11 I/O FT FSMC_A16,USART3_CTS, EVENTOUT - 59 81 100 N13 PD12 I/O FT FSMC_A17,TIM4_CH1, USART3_RTS, EVENTOUT - 60 82 101 M15 PD13 I/O FT FSMC_A18,TIM4_CH2, EVENTOUT - - 83 102 - VSS S - - 84 103 J13 VDD S - 61 85 104 M14 PD14 I/O FT FSMC_D0,TIM4_CH3, EVENTOUT - 62 86 105 L14 PD15 I/O FT FSMC_D1,TIM4_CH4, EVENTOUT - - 87 106 L15 PG2 I/O FT FSMC_A12, EVENTOUT - - 88 107 K15 PG3 I/O FT FSMC_A13, EVENTOUT - - 89 108 K14 PG4 I/O FT FSMC_A14, EVENTOUT - - 90 109 K13 PG5 I/O FT FSMC_A15, EVENTOUT - - 91 110 J15 PG6 I/O FT FSMC_INT2, EVENTOUT - - 92 111 J14 PG7 I/O FT FSMC_INT3,USART6_CK, EVENTOUT - - 93 112 H14 PG8 I/O FT USART6_RTS, ETH_PPS_OUT, EVENTOUT - - 94 113 G12 VSS S - - 95 114 H13 VDD S 37 63 96 115 H15 PC6 I/O FT I2S2_MCK, TIM8_CH1,SDIO_D6, USART6_TX, DCMI_D0,TIM3_CH1, EVENTOUT Table 7. STM32F21x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |