| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F217VG Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217VG Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 173 page ![]() Pinouts and pin description STM32F21xxx 38/173 Doc ID 17050 Rev 8 Figure 11. STM32F21x LQFP176 pinout 1. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected. PE2 VDD_2 PE3 VSS_2 PE4 PE5 PA13 PE6 PA12 VBAT PA11 PI8-RTC_AF2 PA10 PC14-OSC32_IN PA9 PC15-OSC32_OUT PA8 PF0 PC9 PF1 PC8 PF2 PC7 PF3 PC6 PF4 VDD_9 PF5 VSS_9 VSS_5 PG8 VDD_5 PG7 PF6 PG6 PF7 PG5 PF8 PG4 PF9 PG3 PF10 PG2 PH0-OSC_IN PD15 PH1-OSC_OUT PD14 NRST VDD_8 PC0 VSS_8 PC1 PD13 PC2 PD12 PC3 PD11 VSSA PD10 VDD_12 PD9 VREF+ PD8 VDDA PB15 PA0-WKUP PB14 PA1 PB13 PA2 PB12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 LQFP176 26 27 28 29 30 31 32 33 34 35 36 107 106 105 104 103 102 101 100 99 98 89 ai15972d VCAP_2 PI1 PI0 PH15 PH14 PH13 VDD_14 VSS_14 PH12 96 95 94 93 92 91 90 97 37 38 39 40 41 42 43 44 PC13-RTC_AF1 PI9 PI10 PI11 VSS_13 VDD_13 PH2 PH3 |