Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F215RE Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32F215RE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RE Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32F215RE Datasheet HTML 33Page - STMicroelectronics STM32F215RE Datasheet HTML 34Page - STMicroelectronics STM32F215RE Datasheet HTML 35Page - STMicroelectronics STM32F215RE Datasheet HTML 36Page - STMicroelectronics STM32F215RE Datasheet HTML 37Page - STMicroelectronics STM32F215RE Datasheet HTML 38Page - STMicroelectronics STM32F215RE Datasheet HTML 39Page - STMicroelectronics STM32F215RE Datasheet HTML 40Page - STMicroelectronics STM32F215RE Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 175 page
background image
DocID17050 Rev 9
37/175
STM32F21xxx
Functional overview
174
3.38
Embedded Trace Macrocell™
The ARM Embedded Trace Macrocell provides a greater visibility of the instruction and data
flow inside the CPU core by streaming compressed data at a very high rate from the
STM32F21x through a small number of ETM pins to an external hardware trace port
analyzer (TPA) device. The TPA is connected to a host computer using USB, Ethernet, or
any other high-speed channel. Real-time instruction and data flow activity can be recorded
and then formatted for display on the host computer that runs the debugger software. TPA
hardware is commercially available from common development tool vendors.
The Embedded Trace Macrocell operates with third party debugger software tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More