Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373C8 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32F373C8
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373C8 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32F373C8 Datasheet HTML 40Page - STMicroelectronics STM32F373C8 Datasheet HTML 41Page - STMicroelectronics STM32F373C8 Datasheet HTML 42Page - STMicroelectronics STM32F373C8 Datasheet HTML 43Page - STMicroelectronics STM32F373C8 Datasheet HTML 44Page - STMicroelectronics STM32F373C8 Datasheet HTML 45Page - STMicroelectronics STM32F373C8 Datasheet HTML 46Page - STMicroelectronics STM32F373C8 Datasheet HTML 47Page - STMicroelectronics STM32F373C8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
Table 14. Alternate functions for port PC
Pin Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PC0
EVENTOUT
TIM5_CH1_ETR
PC1
EVENTOUT
TIM5_CH2
PC2
EVENTOUT
TIM5_CH3
SPI2_MISO/I2S2_MCK
PC3
EVENTOUT
TIM5_CH4
SPI2_MOSI/I2S2_SD
PC4
EVENTOUT
TIM13_CH1
TSC_G3_IO1
USART1_TX
PC5
EVENTOUT
TSC_G3_IO2
USART1_RX
PC6
EVENTOUT
TIM3_CH1
SPI1_NSS/I2S1_WS
PC7
EVENTOUT
TIM3_CH2
SPI1_SCK/I2S1_CK
PC8
EVENTOUT
TIM3_CH3
SPI1_MISO/I2S1_MCK
PC9
EVENTOUT
TIM3_CH4
SPI1_MOSI/I2S1_SD
PC10
EVENTOUT
TIM19_CH1
SPI3_SCK/I2S3_CK
USART3_TX
PC11
EVENTOUT
TIM19_CH2
SPI3_MISO/I2S3_MCK USART3_RX
PC12
EVENTOUT
TIM19_CH3
SPI3_MOSI/I2S3_SD
USART3_CK
PC13
PC14
PC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More