Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F215VG Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STM32F215VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215VG Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STM32F215VG Datasheet HTML 47Page - STMicroelectronics STM32F215VG Datasheet HTML 48Page - STMicroelectronics STM32F215VG Datasheet HTML 49Page - STMicroelectronics STM32F215VG Datasheet HTML 50Page - STMicroelectronics STM32F215VG Datasheet HTML 51Page - STMicroelectronics STM32F215VG Datasheet HTML 52Page - STMicroelectronics STM32F215VG Datasheet HTML 53Page - STMicroelectronics STM32F215VG Datasheet HTML 54Page - STMicroelectronics STM32F215VG Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 175 page
background image
DocID17050 Rev 9
51/175
STM32F21xxx
Pinouts and pin description
174
-
-
- 130 D13
PH15
I/O FT
TIM8_CH3N, DCMI_D11,
EVENTOUT
-
-
- 131 E14
PI0
I/O FT
TIM5_CH4, SPI2_NSS,
I2S2_WS, DCMI_D13,
EVENTOUT
-
-
- 132 D14
PI1
I/O FT
SPI2_SCK, I2S2_SCK,
DCMI_D8, EVENTOUT
-
-
- 133 C14
PI2
I/O FT
TIM8_CH4,SPI2_MISO,
DCMI_D9, EVENTOUT
-
-
- 134 C13
PI3
I/O FT
TIM8_ETR, SPI2_MOSI,
I2S2_SD, DCMI_D10,
EVENTOUT
--
- 135 D9
VSS
S
--
- 136 C9
VDD
S
49
76 109 137 A14
PA14
(JTCK-SWCLK)
I/O FT
JTCK-SWCLK, EVENTOUT
50
77 110 138 A13
PA15
(JTDI)
I/O FT
JTDI, SPI3_NSS,
I2S3_WS,TIM2_CH1_ETR,
SPI1_NSS/ EVENTOUT
51
78 111 139 B14
PC10
I/O FT
SPI3_SCK, I2S3_SCK,
UART4_TX, SDIO_D2,
DCMI_D8, USART3_TX,
EVENTOUT
52
79 112 140 B13
PC11
I/O FT
UART4_RX, SPI3_MISO,
SDIO_D3,
DCMI_D4,USART3_RX,
EVENTOUT
53
80 113 141 A12
PC12
I/O FT
UART5_TX,SDIO_CK,
DCMI_D9, SPI3_MOSI,
I2S3_SD, USART3_CK,
EVENTOUT
-
81 114 142 B12
PD0
I/O FT
FSMC_D2,CAN1_RX,
EVENTOUT
-
82 115 143 C12
PD1
I/O FT
FSMC_D3, CAN1_TX,
EVENTOUT
Table 7. STM32F21x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More