Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F215RE Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32F215RE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RE Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32F215RE Datasheet HTML 33Page - STMicroelectronics STM32F215RE Datasheet HTML 34Page - STMicroelectronics STM32F215RE Datasheet HTML 35Page - STMicroelectronics STM32F215RE Datasheet HTML 36Page - STMicroelectronics STM32F215RE Datasheet HTML 37Page - STMicroelectronics STM32F215RE Datasheet HTML 38Page - STMicroelectronics STM32F215RE Datasheet HTML 39Page - STMicroelectronics STM32F215RE Datasheet HTML 40Page - STMicroelectronics STM32F215RE Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 173 page
background image
STM32F21xxx
Pinouts and pin description
Doc ID 17050 Rev 8
37/173
Figure 10.
STM32F21x LQFP144 pinout
1.
RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
PE2
VDD_2
PE3
VSS_2
PE4
PE5
PA13
PE6
PA12
VBAT
PA11
PC13-RTC_AF1
PA10
PC14-OSC32_IN
PA9
PC15-OSC32_OUT
PA8
PF0
PC9
PF1
PC8
PF2
PC7
PF3
PC6
PF4
VDD_9
PF5
VSS_9
VSS_5
PG8
VDD_5
PG7
PF6
PG6
PF7
PG5
PF8
PG4
PF9
PG3
PF10
PG2
PH0-OSC_IN
PD15
PH1-OSC_OUT
PD14
NRST
VDD_8
PC0
VSS_8
PC1
PD13
PC2
PD12
PC3
PD11
VSSA
PD10
VDD_12
PD9
VREF+
PD8
VDDA
PB15
PA0-WKUP
PB14
PA1
PB13
PA2
PB12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
LQFP144
26
27
28
29
30
31
32
33
34
35
36
83
82
81
80
79
78
77
76
75
74
73
ai15971d
VCAP_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More