Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F215VG Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32F215VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215VG Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32F215VG Datasheet HTML 42Page - STMicroelectronics STM32F215VG Datasheet HTML 43Page - STMicroelectronics STM32F215VG Datasheet HTML 44Page - STMicroelectronics STM32F215VG Datasheet HTML 45Page - STMicroelectronics STM32F215VG Datasheet HTML 46Page - STMicroelectronics STM32F215VG Datasheet HTML 47Page - STMicroelectronics STM32F215VG Datasheet HTML 48Page - STMicroelectronics STM32F215VG Datasheet HTML 49Page - STMicroelectronics STM32F215VG Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 173 page
background image
Pinouts and pin description
STM32F21xxx
46/173
Doc ID 17050 Rev 8
39 65 98 117 G14
PC8
I/O FT
PC8
TIM8_CH3/SDIO_D0
/TIM3_CH3/ USART6_CK /
DCMI_D2/ EVENTOUT
40 66 99 118 F14
PC9
I/O FT
PC9
I2S2_CKIN/ I2S3_CKIN/
MCO2 /
TIM8_CH4/SDIO_D1 /
/I2C3_SDA / DCMI_D3 /
TIM3_CH4/ EVENTOUT
41 67 100 119 F15
PA8
I/O FT
PA8
MCO1 / USART1_CK/
TIM1_CH1/ I2C3_SCL/
OTG_FS_SOF/ EVENTOUT
42 68 101 120 E15
PA9
I/O FT
PA9
USART1_TX/ TIM1_CH2 /
I2C3_SMBA / DCMI_D0/
EVENTOUT
OTG_FS_
VBUS
43 69 102 121 D15
PA10
I/O FT
PA10
USART1_RX/ TIM1_CH3/
OTG_FS_ID/DCMI_D1/
EVENTOUT
44 70 103 122 C15
PA11
I/O FT
PA11
USART1_CTS / CAN1_RX /
TIM1_CH4 / OTG_FS_DM/
EVENTOUT
45 71 104 123 B15
PA12
I/O FT
PA12
USART1_RTS / CAN1_TX/
TIM1_ETR/ OTG_FS_DP/
EVENTOUT
46 72 105 124 A15
PA13
I/O FT JTMS-SWDIO JTMS-SWDIO/ EVENTOUT
47 73 106 125 F13
VCAP_2
SVCAP_2
-
74 107 126 F12
VSS_2
SVSS_2
48 75 108 127 G13
VDD_2
SVDD_2
-
-
- 128 E12
PH13
I/O FT
PH13
TIM8_CH1N / CAN1_TX/
EVENTOUT
-
-
- 129 E13
PH14
I/O FT
PH14
TIM8_CH2N / DCMI_D4/
EVENTOUT
-
-
- 130 D13
PH15
I/O FT
PH15
TIM8_CH3N / DCMI_D11/
EVENTOUT
-
-
- 131 E14
PI0
I/O FT
PI0
TIM5_CH4 / SPI2_NSS /
I2S2_WS / DCMI_D13/
EVENTOUT
-
-
- 132 D14
PI1
I/O FT
PI1
SPI2_SCK / I2S2_SCK /
DCMI_D8/ EVENTOUT
-
-
- 133 C14
PI2
I/O FT
PI2
TIM8_CH4 /SPI2_MISO /
DCMI_D9/ EVENTOUT
Table 5.
STM32F21x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More