| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F205VG Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VG Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 178 page ![]() DocID15818 Rev 11 53/178 STM32F20xxx Pinouts and pin description 177 54 C7 83 116 144 D12 PD2 I/O FT TIM3_ETR,UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT - - 84 117 145 D11 PD3 I/O FT FSMC_CLK,USART2_CTS, EVENTOUT - - 85 118 146 D10 PD4 I/O FT FSMC_NOE, USART2_RTS, EVENTOUT - - 86 119 147 C11 PD5 I/O FT FSMC_NWE,USART2_TX, EVENTOUT - - - 120 148 D8 VSS S - - - 121 149 C8 VDD S - - 87 122 150 B11 PD6 I/O FT FSMC_NWAIT, USART2_RX, EVENTOUT - - 88 123 151 A11 PD7 I/O FT USART2_CK,FSMC_NE1, FSMC_NCE2, EVENTOUT - - - 124 152 C10 PG9 I/O FT USART6_RX, FSMC_NE2,FSMC_NCE3, EVENTOUT - - - 125 153 B10 PG10 I/O FT FSMC_NCE4_1, FSMC_NE3, EVENTOUT - - - 126 154 B9 PG11 I/O FT FSMC_NCE4_2, ETH_MII_TX_EN , ETH _RMII_TX_EN, EVENTOUT - - - 127 155 B8 PG12 I/O FT FSMC_NE4, USART6_RTS, EVENTOUT - - - 128 156 A8 PG13 I/O FT FSMC_A24, USART6_CTS, ETH_MII_TXD0, ETH_RMII_TXD0, EVENTOUT - - - 129 157 A7 PG14 I/O FT FSMC_A25, USART6_TX, ETH_MII_TXD1, ETH_RMII_TXD1, EVENTOUT - - - 130 158 D7 VSS S Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |