Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051C6 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STM32F051C6
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C6 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STM32F051C6 Datasheet HTML 29Page - STMicroelectronics STM32F051C6 Datasheet HTML 30Page - STMicroelectronics STM32F051C6 Datasheet HTML 31Page - STMicroelectronics STM32F051C6 Datasheet HTML 32Page - STMicroelectronics STM32F051C6 Datasheet HTML 33Page - STMicroelectronics STM32F051C6 Datasheet HTML 34Page - STMicroelectronics STM32F051C6 Datasheet HTML 35Page - STMicroelectronics STM32F051C6 Datasheet HTML 36Page - STMicroelectronics STM32F051C6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
Table 14.
Alternate functions selected through GPIOA_AFR registers for port A
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
USART2_CTS
TIM2_CH1_
ETR
TSC_G1_IO1
COMP1_OUT
PA1
EVENTOUT
USART2_RTS
TIM2_CH2
TSC_G1_IO2
PA2
TIM15_CH1
USART2_TX
TIM2_CH3
TSC_G1_IO3
COMP2_OUT
PA3
TIM15_CH2
USART2_RX
TIM2_CH4
TSC_G1_IO4
PA4
SPI1_NSS/
I2S1_WS
USART2_CK
TSC_G2_IO1
TIM14_CH1
PA5
SPI1_SCK/
I2S1_CK
CEC
TIM2_CH1_
ETR
TSC_G2_IO2
PA6
SPI1_MISO/
I2S1_MCK
TIM3_CH1
TIM1_BKIN
TSC_G2_IO3
TIM16_CH1
EVENTOUT
COMP1_OUT
PA7
SPI1_MOSI/
I2S1_SD
TIM3_CH2
TIM1_CH1N
TSC_G2_IO4
TIM14_CH1
TIM17_CH1
EVENTOUT
COMP2_OUT
PA8
MCO
USART1_CK
TIM1_CH1
EVENTOUT
PA9
TIM15_BKIN
USART1_TX
TIM1_CH2
TSC_G4_IO1
PA10
TIM17_BKIN
USART1_RX
TIM1_CH3
TSC_G4_IO2
PA11
EVENTOUT
USART1_CTS
TIM1_CH4
TSC_G4_IO3
COMP1_OUT
PA12
EVENTOUT
USART1_RTS
TIM1_ETR
TSC_G4_IO4
COMP2_OUT
PA13
SWDAT
IR_OUT
PA14
SWCLK
USART2_TX
PA15
SPI1_NSS/
I2S1_WS
USART2_RX
TIM2_CH1_
ETR
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More