Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S103F3 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STM8S103F3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3 Fiches technique(HTML) 4 Page - STMicroelectronics

  STM8S103F3 Datasheet HTML 1Page - STMicroelectronics STM8S103F3 Datasheet HTML 2Page - STMicroelectronics STM8S103F3 Datasheet HTML 3Page - STMicroelectronics STM8S103F3 Datasheet HTML 4Page - STMicroelectronics STM8S103F3 Datasheet HTML 5Page - STMicroelectronics STM8S103F3 Datasheet HTML 6Page - STMicroelectronics STM8S103F3 Datasheet HTML 7Page - STMicroelectronics STM8S103F3 Datasheet HTML 8Page - STMicroelectronics STM8S103F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 117 page
background image
List of tables
Table 1. STM8S103xx access line features .............................................................................................9
Table 2. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................14
Table 3. TIM timer features ....................................................................................................................16
Table 4. Legend/abbreviations for pinout tables
...................................................................................19
Table 5. UFQFPN32/LQFP32/SDIP32 pin description ...........................................................................21
Table 6. STM8S103Fx pin description ...................................................................................................25
Table 7. I/O port hardware register map ................................................................................................29
Table 8. General hardware register map
...............................................................................................30
Table 9. CPU/SWIM/debug module/interrupt controller registers
.........................................................40
Table 10. Interrupt mapping ...................................................................................................................42
Table 11. Option bytes
.........................................................................................................................113
Table 12. Option byte description ...........................................................................................................44
Table 13. STM8S103K alternate function remapping bits for 32-pin devices ........................................46
Table 14. STM8S103F alternate function remapping bits for 20-pin devices ........................................47
Table 15. Unique ID registers (96 bits) .................................................................................................113
Table 16. Voltage characteristics ...........................................................................................................51
Table 17. Current characteristics ...........................................................................................................52
Table 18. Thermal characteristics ..........................................................................................................52
Table 19. General operating conditions .................................................................................................53
Table 20. Operating conditions at power-up/power-down ......................................................................54
Table 21. Total current consumption with code execution in run mode at VDD = 5 V .............................55
Table 22. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................56
Table 23. Total current consumption in wait mode at VDD = 5 V ............................................................57
Table 24. Total current consumption in wait mode at VDD = 3.3 V .........................................................57
Table 25. Total current consumption in active halt mode at VDD = 5 V ..................................................58
Table 26. Total current consumption in active halt mode at VDD = 3.3 V ...............................................59
Table 27. Total current consumption in halt mode at VDD = 5 V .............................................................60
Table 28. Total current consumption in halt mode at VDD = 3.3 V ..........................................................60
Table 29. Wakeup times .........................................................................................................................60
Table 30. Total current consumption and timing in forced reset state ....................................................61
Table 31. Peripheral current consumption .............................................................................................62
Table 32. HSE user external clock characteristics .................................................................................65
Table 33. HSE oscillator characteristics .................................................................................................66
Table 34. HSI oscillator characteristics ..................................................................................................67
Table 35. LSI oscillator characteristics ...................................................................................................69
Table 36. RAM and hardware registers ..................................................................................................70
Table 37. Flash program memory/data EEPROM memory ....................................................................70
Table 38. I/O static characteristics .........................................................................................................71
Table 39. Output driving current (standard ports) ..................................................................................73
Table 40. Output driving current (true open drain ports) ........................................................................74
Table 41. Output driving current (high sink ports) ..................................................................................74
Table 42. NRST pin characteristics ........................................................................................................79
Table 43. SPI characteristics ..................................................................................................................82
Table 44. I
2C characteristics ..................................................................................................................85
Table 45. ADC characteristics ................................................................................................................87
Table 46. ADC accuracy with RAIN < 10 kΩ , VDD= 5 V .........................................................................87
Table 47. ADC accuracy with RAIN < 10 kΩ RAIN, VDD = 3.3 V ..............................................................88
DocID15441 Rev 9
4/117
STM8S103K3 STM8S103F3 STM8S103F2
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More