Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F128P33TF70 Fiches technique(PDF) 52 Page - Numonyx B.V

No de pièce JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Fiches technique(HTML) 52 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 48Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 49Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 50Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 51Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 52Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 53Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 54Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 55Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
52
Order Number: 208034-04
Note:
WAIT shown deasserted during asynchronous read mode (RCR.10=0, WAIT asserted low).
.
Notes:
1.
WAIT is driven per OE# assertion during synchronous array or non-array read, and can be configured to assert either
during or one data cycle before valid data.
2.
This diagram illustrates the case in which an n-word burst is initiated to the flash memory array and it is terminated by
CE# deassertion after the first word in the burst.
Figure 19: Asynchronous Page-Mode Read Timing
Valid Address
0
1
2
7
Q0
Q1
Q2
Q7
R108
R108
R108
R13
R6
R9
R4
R8
R3
R106
R101
R105
R105
R10
R10
R10
R10
R2
A[Max:4] [A]
A[3:1]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
DATA [D/Q]
Figure 20: Synchronous Single-Word Array or Non-array Read Timing
R312
R305
R304
R4
R17
R307
R15
R9
R7
R8
R303
R102
R3
R104
R106
R101
R104
R105
R105
R2
R306
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88