Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F640P33TF70 Fiches technique(PDF) 72 Page - Numonyx B.V

No de pièce JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Fiches technique(HTML) 72 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 68Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 69Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 70Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 71Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 72Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 73Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 74Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 75Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 76Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
72
Order Number: 208034-04
A.2
Flowcharts
Figure 29: Word Program Flowchart
Start
Data Cycle
- Address = location to program
- Data = Data to program
Yes
D7 = '1'
?
End
No
Suspend
?
No
Yes
Errors
?
Yes
No
Error-Handler
User Defined Routine
Read Status Register
- Toggle CE# or OE# to update Status Register
- See Status Register Flowchart
Program Suspend
See Suspend/
Resume Flowchart
Command Cycle
- Issue Program Command
- Address = location to program
- Data = 0x40
Check Ready Status
- Read Status Register Command not required
- Perform read operation
- Read Ready Status on signal D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88