Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX103 Fiches technique(PDF) 2 Page - STATEK CORPORATION

No de pièce CX103
Description  Miniature Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STATEK [STATEK CORPORATION]
Site Internet  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX103 Fiches technique(HTML) 2 Page - STATEK CORPORATION

  CX103 Datasheet HTML 1Page - STATEK CORPORATION CX103 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX103 LEADED CRYSTAL
CX1
S
C
03 — 1.0M,
500
/
I
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10130 - Rev E
PACKAGING
Tray Pack
TYPICAL APPLICATION
FOR A PIERCE OSCILLATOR
The low profile CX miniature leaded crystal is ideal for small,
high density, battery operated portable products. The CX
crystal designed in a Pierce oscillator (single inverter) circuit
provides very low current consumption and high stability. A
conventional CMOS Pierce oscillator circuit is shown below.
The crystal is effectively inductive and in a PI-network circuit
with CD and CG provides the additional phase shift
necessary to sustain oscillation. The oscillation frequency
(f0) is 15 to 150 ppm above the crystal’s series resonant
frequency (fs).
Drive Level
RA is used to limit the crystal’s drive level by forming a
voltage divider between RA and CD. RA also stabilizes the
oscillator against changes in the amplifiers output
resistance (R0). RA should be increased for higher voltage
operation.
Load Capacitance
The CX crystal calibration tolerance is influenced by the
effective circuit capacitances, specified as the load
capacitance (CL). CL is approximately equal to:
NOTE: CD and CG include stray layout to ground and Cs
is the stray shunt capacitance between the crystal
terminal. In practice, the effective value of CL will be less
than that calculated from CD, CG and CS values because
of the effect of the amplifier output resistance. CS should
be minimized.
The oscillation frequency (f0) is approximately equal to:
CL =
CD x CG
+
CS
CD + CG
(1)
f0 = fS
[1+
C1
]
2(C0 + CL)
(2)
Where f
S = Series resonant frequency of the crystal
C1 = Motional Capacitance
C0 = Shunt Capacitance
AMPLIFIER
BUFFER
CG
CD
RA
CX1
Contact factory for
design guidelines
OSC
Freq (f )
O
Rf
CS
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@ 25OC
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
03
05 -
(lead
free)
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Parameters
Fundamental
Overtone
Frequency Range, (Hz)
555 k 614 k 1.0 M 1.4 M 1.8432 M 2.1M
Motional Resistance,R1(Ω)
600
275
500 775
300
475
Motional Resistance,R1 MAX
3 kΩ
Motional Capacitance,C1 (fF) 2.5 3.6 2.0 1.5
2.8
2.6
Quality Factor, Q (k)
170
260
190 100
110
70
Shunt Capacitance,C0 (pF)
1.2
1.3
1.1
1.0
1.3
1.3
Calibration Tolerance1
500 ppm (0.05%)
1000 ppm (0.1%)
10000 ppm (1.0%)
Drive Level
3 µW MAX
Load Capacitance2
7 pF
Turning Point (T0)2
35OC
Temperature Coefficient (k) -0.035 ppm/OC2
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
Function Mode
Extensional
Aging, first year
5 ppm MAX
Shock, survival
750 g, 0.3 ms, 1/2 sine
Vibration, survival
10 g RMS, 20-1,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Tighter tolerances available.
2. Other values available.
+
_
+
_
+
_
f-f0 = k(T-T
0)
2
f0



Html Pages

1 2