Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 9Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 6
 2010-2011 Microchip Technology Inc.
Pin Diagrams (continued)
1
3
5
7
8
9
10
11
A
RE4
RE3
RE0
RG0
RF1
VBAT
N/C
RD12
RD1
B
N/C
RE2
RE1
RA7
RF0
VCAP/
RD5
RD3
VSS
RC14
C
RE6
VDD
RG14
N/C
RD7
RD4
N/C
RC13
RD11
D
RE7
RE5
N/C
N/C
N/C
RD6
RD13
RD0
N/C
RD10
E
RC4
RG6
N/C
RG1
N/C
RA15
RD8
RA14
F
MCLR
RG8
RG9
RG7
VSS
N/C
N/C
VDD
OSCI/
VSS
OSCO/
G
RE8
RE9
RA0
N/C
VDD
VSS
VSS
N/C
RA5
RA3
RA4
H
N/C
N/C
N/C
VDD
N/C
RF6
RG2
RA2
J
AVDD
RB11
RA1
RB12
N/C
N/C
RF8
RG3
K
RA10
N/C
RF12
RB14
VDD
L
RA9
AVSS
RB10
RB13
RB15
RF4
RF5
24
6
RF7
RG13
RD2
RG15
RG12
RA6
RC1
RC3
RC2
RD9
RC12
RC15
RB4
RB3
RB2
RB8
RD15
RF3
RF2
RB9
RF13
RD14
RB5
RB1
RB0
RB6
RB7
VDDCORE
121-Pin BGA (Top View)
Legend:
Shaded pins indicate pins that are tolerant up to +5.5V.
Note:
See Table 1 for complete pinout descriptions. Pinouts are subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More