Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 378 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 378 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 374Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 375Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 376Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 377Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 378Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 379Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 380Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 381Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 378
 2010-2011 Microchip Technology Inc.
33.2
Package Marking Information
100-Lead TQFP (12x12x1 mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ128GA
310-I/PF
1150017
3
e
121-BGA (10x10x1.1 mm)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC24FJ128
GA310-I/BG
1120017
3
e
100-Lead TQFP (14x14x1mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ128GA
310-I/PT
1110017
3
e
XXXXXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More