Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 267 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 267 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 263Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 264Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 265Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 266Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 267Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 268Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 270Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 267
PIC24FJ128GA310 FAMILY
bit 2-0
LMUX<2:0>
: Commons Select bits
REGISTER 21-1:
LCDCON: LCD CONTROL REGISTER (CONTINUED)
LMUX<2:0>
Multiplex
Bias
111
1/8 MUX (COM<7:0>)
1/3
110
1/7 MUX (COM<6:0>)
1/3
101
1/6 MUX (COM<5:0>)
1/3
100
1/5 MUX (COM<4:0>)
1/3
011
1/4 MUX (COM<3:0>)
1/3
010
1/3 MUX (COM<2:0>)
1/2 or 1/3
001
1/2 MUX (COM<1:0>)
1/2 or 1/3
000
Static (COM0)
Static
Note:
For multiplex above 4 commons, COM4, COM5, COM6 and COM7 also have segment
functionality. Therefore, if the COM is enabled in multiplexing, the segment will not be
available on that pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More