Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 209 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 209 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 205Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 206Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 207Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 208Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 209Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 210Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 211Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 212Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 209
PIC24FJ128GA310 FAMILY
bit 4-0
SYNCSEL<4:0>:
Synchronization/Trigger Source Selection bits
11111
= Reserved
11110
= Reserved(2)
11101
= Reserved(2)
11100
= CTMU(1)
11011
= A/D(1)
11010
= Comparator 3(1)
11001
= Comparator 2(1)
11000
= Comparator 1(1)
10111
= Reserved(2)
10110
= Input Capture 7(2)
10101
= Input Capture 6(2)
10100
= Input Capture 5(2)
10011
= Input Capture 4(2)
10010
= Input Capture 3(2)
10001
= Input Capture 2(2)
10000
= Input Capture 1(2)
01111
= Timer5
01110
= Timer4
01101
= Timer3
01100
= Timer2
01011
= Timer1
01010
= Reserved
01001
= Reserved
01000
= Reserved
00111
= Output Compare 7
•
•
•
00010
= Output Compare 2
00001
= Output Compare 1
00000
= Not synchronized to any other module
REGISTER 14-2:
ICxCON2: INPUT CAPTURE x CONTROL REGISTER 2 (CONTINUED)
Note 1:
Use these inputs as trigger sources only and never as sync sources.
2:
Never use an IC module as its own trigger source, by selecting this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More