| Moteur de recherche de fiches techniques de composants électroniques |
|
RB867 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RB867 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() Terminals These ring terminals are self-insulated with a PVC insulation sleeve of extra length to give pro- tection and relieve bending stress at wire’s flex point. Brazed seam barrel is serrated to obtain high pull-out value. Terminal is made of high conductivity electrolytic copper, electro-tin plated. Insulation material is color-coded: Color Code Wire Range red 22-16 blue 18-14 yellow 12-10 Stock Thickness: RA & RB = .03 RC = .04 Most standard bulk catalog numbers can be put on Mylar Tape for reel fed applications (i.e. 12050 tool and application dies). See pages K61- K62. Please put the suffix M for Mylar Tape RA2573M. (Bulk number 1000 and 500 packages.) Vinyl Insulated Ring – Insulation Grip Wt./Lbs. Cat. Pkg. Wire Max. Bolt Per Dimensions No. Qty. Range Ins. Hole 1000 A B C M 18RA-4 100 22-16 .150 #4 3 .97 .31 .27 .81 RA77 1000 22-16 .150 #4 3 .97 .31 .27 .81 18RA-6 100 22-16 .150 #6 3 .94 .25 .27 .81 RA857 1000 22-16 .150 #6 3 .94 .25 .27 .81 18RA-8 100 22-16 .150 #8 3 .97 .31 .27 .81 RA867 1000 22-16 .150 #8 3 .97 .31 .27 .81 18RA-10 100 22-16 .150 #10 3 .97 .31 .27 .81 RA877 1000 22-16 .150 #10 3 .97 .31 .27 .81 18RA-14 100 22-16 .150 b" 4 1.13 .50 .37 .88 RA717 1000 22-16 .150 b" 4 1.13 .50 .37 .88 18RA-516 100 22-16 .150 j" 4 1.13 .50 .37 .88 RA727 1000 22-16 .150 j" 4 1.13 .50 .37 .88 18RA-38 100 22-16 .150 c" 4 1.24 .54 .37 .91 RA737 1000 22-16 .150 c" 4 1.24 .54 .37 .91 14RB-4 100 18-14 .170 #4 3 .94 .25 .27 .81 RB1327 1000 18-14 .170 #4 3 .94 .25 .27 .81 14RB-6 100 18-14 .170 #6 3 .97 .31 .27 .81 RB857 1000 18-14 .170 #6 3 .97 .31 .27 .81 14RB-8 100 18-14 .170 #8 3 .97 .31 .27 .81 RB867 1000 18-14 .170 #8 3 .97 .31 .27 .81 14RB-10 100 18-14 .170 #10 3 .97 .31 .27 .81 RB877 1000 18-14 .170 #10 3 .97 .31 .27 .81 14RB-14 100 18-14 .170 b" 4 1.14 .50 .38 .89 RB717 1000 18-14 .170 b" 4 1.14 .50 .38 .89 14RB-516 100 18-14 .170 j" 4 1.15 .50 .38 .89 RB727 1000 18-14 .170 j" 4 1.15 .50 .38 .89 14RB-38 100 18-14 .170 c" 4 1.16 .54 .38 .91 RB-737 1000 18-14 .170 c" 4 1.16 .54 .38 .91 10RC-6 50 12-10 .210 #6 5 1.06 .31 .27 .90 RC337 500 12-10 .210 #6 5 1.06 .31 .27 .90 10RC-8 50 12-10 .210 #8 5 1.06 .31 .27 .90 RC777 500 12-10 .210 #8 5 1.06 .31 .27 .90 10RC-10 50 12-10 .210 #10 5 1.06 .31 .27 .90 RC367 500 12-10 .210 #10 5 1.06 .31 .27 .90 10RC-14 50 12-10 .210 b" 6 1.16 .50 .27 .90 RC717 500 12-10 .210 b" 6 1.16 .50 .27 .90 10RC-516 50 12-10 .210 j" 6 1.17 .50 .37 .92 RC707 500 12-10 .210 j" 6 1.17 .50 .37 .92 10RC-38 50 12-10 .210 c" 6 1.29 .59 .44 .99 RC737 500 12-10 .210 c" 6 1.29 .59 .44 .99 U.L. Listed E9809 Installing tools: WT145C, WT2000, WT112M, ERG-2001, ERG-2003 ® ® A M C B © 2002 Thomas & Betts Corporation. Specifications are subject to change without notice. www.tnb.com K11 K |
Numéro de pièce similaire - RB867 |
|
Description similaire - RB867 |