| Moteur de recherche de fiches techniques de composants électroniques |
|
L7C109DMB45L Fiches technique(PDF) 4 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
L7C109DMB45L Fiches technique(HTML) 4 Page - LOGIC Devices Incorporated |
|
4 / 15 page ![]() LOGIC Devices Incorporated www.logicdevices.com Feb 17, 2012 LDS-L7C108/9-G 1M Static RAMs 4 128K x 8 Static RAM L7C108 L7C109 SWITCHING CHARACTERISTICS Over Operating Range READ CYCLE Notes 5, 11, 12, 22, 23, 24 (ns) L7C108/109 READ CYCLE - ADDRESS CONTROLLED Notes 13, 14 DATA OUT tAVAV tPU tPD tELQV HIGH IMPEDANCE CE OE tELQX tGLQV tGLQX DATA VALID Icc 50% 50% tGHQZ tEHQZ HIGH IMPEDANCE READ CYCLE - CE/OE CONTROLLED NOTES 13, 15 ADDRESS DATA OUT PREVIOUS DATA VALID ICC tAVAV tPU tAVQX tPD tAVQV DATA VALID Symbol Parameter Read Cycle Time Address Change to Output Change Output Enable Low to Output Valid 15/15-L 20/20-L 25/25-L 35/35-L 45/45-L tAVAV t t t t t t t t tPU Min 15 3 3 0 0 Max 15 15 7 8 6 Min 20 3 3 0 0 Max 20 20 8 10 6 Min 25 3 3 0 0 Max 25 25 10 10 10 Min 35 3 3 0 0 Max 35 35 15 15 15 Min 45 3 3 0 0 Max 45 45 20 20 20 |