Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS74ADE4 Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LS74ADE4
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS74ADE4 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button SN74LS74ADE4 Datasheet HTML 8Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 9Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 10Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 11Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 12Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 13Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 14Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 15Page - Texas Instruments SN74LS74ADE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74LS74ADBR
SSOP
DB
14
2000
367.0
367.0
38.0
SN74LS74ADR
SOIC
D
14
2500
367.0
367.0
38.0
SN74S74NSR
SO
NS
14
2000
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21