| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS74AD Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS74AD Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Jan-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples SN54S74J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S74J SN7474DR OBSOLETE SOIC D 14 TBD Call TI Call TI 0 to 70 SN7474N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7474N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS74AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADBRE4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADBRG4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS74A SN74LS74AJ OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN74LS74AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS74AN SN74LS74AN3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS74ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS74AN SN74LS74ANSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS74A SN74LS74ANSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS74A SN74S74D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S74 |